Part Number Hot Search : 
CY14B10 C1206 PXB4350E 015477 TOM12105 UTO1024 CY14B10 LM641
Product Description
Full Text Search
 

To Download PGM144-1A1440-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d thomas & betts 1555 lynnfield road memphis, tn 38119 (901) 682-8221 fax (901) 537-8805 d2 quality & innovation from the product group number of contacts grid size gm - molded thermoplastic polyester ps - glass epoxy sm - molded standoffs (refer to fig. 1) pin selection (table 2) plating options (table 1) footprint options (pg. d23) p part number example: pgm068-1a1132-v how to order pgm & pps series pin grid array sockets features: ? lif & superlif ? low insertion and withdrawal force contacts ? non-wicking closed bottom, precision sleeve protects 100% against flux and solder contamination ? custom design capabilities ? available in molded plastic (pgm) and glass epoxy (pps) insulators ? recognized under the component program of underwriters laboratories, inc. file e111362 ? high temperature insulators allow the sockets to be soldered with vaporphase and infrared reflow soldering process material specifications: insulator ........................ thermoplastic polyester or glass epoxy, ul rated 94v-0 sleeve ............................ machined brass/formed copper contact .......................... beryllium copper sleeve plating ................ see table 1 contact plating .............. see table 1 performance specifications: mechanical vibration ........................ passed mil-std-1344, method 2005.1, condition v, d, 11.6 gs (rms) shock .............................. passed mil-std-1344, method 2004.1, condition c, 100 gs durability ...................... passed mil-std-1344, method 2016, 50 cycles solderability .................. passed mil-std-202f, method 208 insertion force .............. above 150 pins - 37 grams (1.3 oz.) average with superlif ? a .018" (0,46) dia. polished steel pin insertion force .............. below 150 pins - 50 grams (1.7 oz.) average with lif a .018" (0,46) dia. polished steel pin withdrawal force .......... above 150 pins - 15 grams (.52 oz.) average with superlif ? a .018" (0,46) dia. polished steel pin withdrawal force .......... below 150 pins - 20 grams (.70 oz.) average with lif a .018" (0,46) dia. polished steel pin electrical contact resistance ........ 10 milliohms contact rating .............. 3 amps capacitance .................... 1.0 pf per mil-std-202, method 305 (contact to contact) insulation resistance .... 5,000 megohms min. @ 500 vdc per mil-std-1344, method 3003.1 dielectric withstanding voltage ...................... 1,000 volts rms per mil-std-1344, method 3001.1 environmental humidity ........................ passed mil-std-1344, method 1002, type ii operation temperature .. gold inner contact -55 c to +125 c tin/lead inner contact -55 c to +105 c thermal shock .............. passed mil-std-1344, method 1003.1, cond. a pgm168-7a1715-v pps238-7a1916-v v low force, six finger contact
d thomas & betts 1555 lynnfield road memphis, tn 38119 (901) 682-8221 fax (901) 537-8805 need more technical information? consult your thomas & betts sales office listed on the back cover d3 a b molded glass epoxy insulator size insulators insulators 9 x 9 .90 .950 .800 10 x 10 1.00 1.050 .900 11 x 11 1.10 1.150 1.000 12 x 12 1.20 1.250 1.100 13 x 13 1.30 1.350 1.200 14 x 14 1.40 1.450 1.300 15 x 15 1.50 1.550 1.400 16 x 16 1.60 1.650 1.500 17 x 17 1.70 1.750 1.600 18 x 18 1.80 1.850 1.700 19 x 19 1.90 1.950 1.800 20 x 20 2.00 2.050 1.900 21 x 21 2.10 2.150 2.000 22 x 22 n/a 2.250 2.100 23 x 23 n/a 2.350 2.200 24 x 24 n/a 2.450 2.300 25 x 25 n/a 2.550 2.400 dimensions listed are nominal pin grid array sockets pgm & pps series plating sleeve contact sleeve designation type plating plating 1 gold tin/lead 2 gold gold 3 tin/lead tin/lead 7 low gold tin/lead 4 gold tin/lead 5 gold gold 6 tin/lead tin/lead * solderless wrap available only in molded thermoplastic insulator. ? ? .166 .010 (4,22 0,25) .040 (1,01) max. .040 (1,01) max. .020 (0,51) .193 (4,90) .025 (0,64) sq. pc tails solderless wrap * table 1 - plating finishes pc tails solderless wrap* designation x dimension designation x dimension a .125" (3,17) b .180" (4,57) d .510" (12,95) table 2 - sleeve types molded insulator glass epoxy insulator note: head of sleeve is recessed in .030" counter bore note: head of sleeve sits above insulator ??sq. ? polarization marking or notch (optional) .100 (2,54) .100 (2,54) .166 .010 (4,22 0,25) .115 .010 (2,92 0,25) .062 .015 (1,57 0,38) .166 .010 (4,22 0,25) window optional insulator dimensions


▲Up To Search▲   

 
Price & Availability of PGM144-1A1440-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X